công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX80031 bảng dữ liệu(PDF) 39 Page - Melexis Microelectronic Systems

tên linh kiện MLX80031
Giải thích chi tiết về linh kiện  LIN System Basis ICs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80031 bảng dữ liệu(HTML) 39 Page - Melexis Microelectronic Systems

Back Button MLX80031 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 43Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
MLX80050/51/30/31
LIN System Basis ICs
Datasheet
MLX80050/51/30/31 – Datasheet
Page 39
3901080050
Jun 2016
011
EN
WAKE
GND
TxD
NWDI
NRES
RBwd
2
0
1
1
9
1
8
1
7
1
6
2
3
4
5
6
7
8
9
1
0
15
14
13
12
11
MLX 80031/51
QFN 5 mm x 5 mm
0. 65 mm pitch
20 lead
220p
100n
2.2u ..100u
LIN-
BUS
CIN
2.2u
100n
CL
33k
60k
VDD
uC
RESET
RxD
TxD
WD Trig
EN
MODE
10k
Debug
INH
Ignition
VBAT
100n
Figure 17: Application circuit with MLX80031 or MLX80051 (slave node)
To minimize the influence of EMI on the bus line an 220pF capacitor should be connected directly to the LIN pin (see
Figure 17). This EMI-Filter assures that the RF injection into the IC from the LIN bus line has no effect or will be limited.
It is also possible to use LC- or RC-filters. The dimensions of C-L or R-L depend on the corner frequency, the maximum
LIN bus capacitance (10nF) and the compliance with the DC- and AC LIN bus parameters.
10. ESD and EMC
10.1. Recommendations for Actuator products
In order to minimize EMC influences, the PCB has to be designed according to EMC guidelines. Actuators products are
ESD sensitive devices and have to be handled according to the rules in IEC61340-5-2.
Actuators products will apply the requirements in the application according to the specification, to ISO7637-2, -3 and
ISO16750-2.
Prototype samples of actuators products will be evaluated according AEC-Q100-002. The result will be published after
qualification. After ESD stress single parameters may be shifted out of their limit, but IC function will still be correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com