công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST39VF401C bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện SST39VF401C
Giải thích chi tiết về linh kiện  4 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF401C bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button SST39VF401C Datasheet HTML 8Page - Microchip Technology SST39VF401C Datasheet HTML 9Page - Microchip Technology SST39VF401C Datasheet HTML 10Page - Microchip Technology SST39VF401C Datasheet HTML 11Page - Microchip Technology SST39VF401C Datasheet HTML 12Page - Microchip Technology SST39VF401C Datasheet HTML 13Page - Microchip Technology SST39VF401C Datasheet HTML 14Page - Microchip Technology SST39VF401C Datasheet HTML 15Page - Microchip Technology SST39VF401C Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
12
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Security ID
The SST39VF401C/402C and SST39LF401C/402C devices offer a 136 Word Security ID space. The
Secure ID space is divided into two segments—one factory programmed segment and one user pro-
grammed segment. The first segment is programmed and locked at the factory with a random 128-bit
number. The user segment, with a 128 word space, is left un-programmed for the customer to program
as desired.
To program the user segment of the Security ID, the user must use the Security ID Word-Program
command. To detect end-of-write for the SEC ID, read the toggle bits. Do not use Data# Polling. Once
this is complete, the Sec ID should be locked using the User Sec ID Program Lock-Out. This disables
any future corruption of this space. Note that regardless of whether or not the Sec ID is locked, neither
Sec ID segment can be erased.
The Secure ID space can be queried by executing a three-byte command sequence with Enter Sec ID
command (88H) at address 555H in the last byte sequence. To exit this mode, the Exit Sec ID com-
mand should be executed. Refer to Table 7 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38