công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS5SP512K36 bảng dữ liệu(PDF) 2 Page - Micross Components

tên linh kiện AS5SP512K36
Giải thích chi tiết về linh kiện  On-Chip Address and Control Registers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSS [Micross Components]
Trang chủ  http://www.micross.com
Logo MICROSS - Micross Components

AS5SP512K36 bảng dữ liệu(HTML) 2 Page - Micross Components

  AS5SP512K36 Datasheet HTML 1Page - Micross Components AS5SP512K36 Datasheet HTML 2Page - Micross Components AS5SP512K36 Datasheet HTML 3Page - Micross Components AS5SP512K36 Datasheet HTML 4Page - Micross Components AS5SP512K36 Datasheet HTML 5Page - Micross Components AS5SP512K36 Datasheet HTML 6Page - Micross Components AS5SP512K36 Datasheet HTML 7Page - Micross Components AS5SP512K36 Datasheet HTML 8Page - Micross Components AS5SP512K36 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SSRAM
AS5SP512K36
AS5SP512K36
Rev. 3.0 10/13
Micross Components reserves the right to change products or specifications without notice.
2
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER
AND
LOGIC
CLR
Q1
Q0
ADSP
ADSC
MODE
BWE
GW
CE 1
CE 2
CE 3
OE
ENABLE
REGISTER
OUTPUT
REGISTERS
SENSE
AMPS
OUTPUT
BUFFERS
E
PIPELINED
ENABLE
INPUT
REGISTERS
A0, A1, A
BW B
BW C
BW D
BW A
MEMORY
ARRAY
DQs
DQP A
DQP B
DQP C
DQP D
SLEEP
CONTROL
ZZ
A[1:0]
2
DQ A ,DQP A
BYTE
WRITE REGISTER
DQ B , DQP B
BYTE
WRITE REGISTER
DQ C , DQP C
BYTE
WRITE REGISTER
DQ D ,DQP D
BYTE
WRITE REGISTER
DQ A ,DQP A
BYTE
WRITE DRIVER
DQ B , DQP B
BYTE
WRITE DRIVER
DQ C , DQP C
BYTE
WRITE DRIVER
DQ D ,DQP D
BYTE
WRITE DRIVER
Pin Descriptions
Low order, synchronous address inputs and burst counter
address inputs.
35, 34, 33, 32, 100,
99, 82, 81, 44, 45, 46,
47, 48, 49, 50, 43, 42
Chip Enable
CE1\, CE3\
Sync Input
98, 92
Active low chip enables.
Chip Enable
CE2
Sync Input
97
Active high chip enable.
Global Write Enable
GW\
Sync Input
88
Active low global write enable. Write to all bits.
BWa\, BWb\,
BWc\, BWd\
Byte Write Enable
BWE\
Sync Input
87
Active low byte write function enable.
Output Enable
OE\
Input
86
Active low asynchronous output enable.
Asynchronous, non-time critical Power-down Input control. Places
the chip into an ultra low power mode, with data preserved.
52, 53, 56, 57, 58, 59,
62, 63, 68, 69, 72, 73,
74, 75, 78, 79, 2, 3, 6,
7, 8, 9, 12, 13, 18, 19,
22, 23, 24, 25, 28, 29
Burst Mode
MODE
Input
31
Interleaved or linear burst mode control.
Power Supply [Core]
VDD
Supply
91, 15, 41, 65
Core power supply.
Ground [Core]
VSS
Supply
90, 17, 40, 67
Core power supply ground.
4, 11, 20, 27, 54, 61,
70, 77
5, 10, 21, 26, 55, 60,
71, 76
Address Advance
Power-Down
DQPa, DQPb,
DQPc, DQPd
Synchronous clock.
When asserted LOW, address is captured in the address registers and A0-
A1 are loaded into the burst counter when ADSP\ and ADSC\ are both
asserted, only ADSP\ is recognized.
When asserted LOW, address is captured in the address registers, A0-A1
is registered in the burst counter. When both ADSP\ and ADSC\ or both
asserted, only ADSP\ is recognized. ADSP\ is ignored when CE1\ is HIGH.
When asserted LOW, address in burst counter is incremented on rising
edge of clock.
Synchronous parity on input/output.
Isolated input/output buffer ground.
Isolated input/output buffer supply.
DQa, DQb, DQc,
DQd
Sync
Input/
Output
Sync
Input/
Output
Synchronous data input/output.
No Connection(s)
NC
NA
No connections to internal silicon.
14, 16, 38, 39, 66
Data Input/Outputs
Supply
Supply
VDDQ
VSSQ
I/O Ground
CLK
Input
89
37, 36
Clock
93, 94, 95, 96
Active low byte write enables. Write to byte segments.
Byte Enables
Address
Address
A0, A1
A
Synchronous address inputs
Power Supply I/O
Address Status Processor
Address Status Controller
ADSC\
85
84
ADSP\
Sync Input
Sync Input
83
ADV\
ZZ
Input
64
51, 80, 1, 30
Data Parity Input/Outputs
Sync Input
Sync
Input(s)
Sync Input
Sync Input
Logic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com