| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4SD16M16 bảng dữ liệu(PDF) 28 Page - Micross Components |
|
|
|||||||||||||||||||||||||||||
AS4SD16M16 bảng dữ liệu(HTML) 28 Page - Micross Components |
|
28 / 52 page ![]() SDRAM AS4SD16M16 AS4SD16M16 Rev. 2.6 04/13/15 Micross Components reserves the right to change products or specifications without notice. 28 CAPACITANCE2 PARAMETER SYM MIN MAX UNITS NOTES Input Capacitance: CLK CI1 2 4 pF 29 Input Capacitance: All other input-only pins CI2 2 4 pF 30 Input/Output Capacitance: DQs CIO 4.0 6.0 pF 31 AC FUNCTIONAL CHARACTERISTICS5,6,7,8,9,11 SYMBOL -75 UNITS NOTES tCCD 1 tCK 17 tCKED 1 tCK 14 tPED 1 tCK 14 tDQD 0 tCK 17 tDQM 0 tCK 17 tDQZ 2 tCK 17 tDWD 0 tCK 17 tDAL 5 tCK 15, 21 tDPL 2 tCK 16, 21 tBDL 1 tCK 17 tCDL 1 tCK 17 tRDL 2 tCK 16, 21 tMRD 2 tCK 26 CL = 3 tROH(3) 3 tCK 17 CL = 2 tROH(2) 2 tCK 17 PARAMETER LOAD MODE REGISTER command to ACTIVE or REFRESH command Data-out to high-impedance from PRECHARGE command DQM to input data delay CKE to clock enable or power-down exit setup mode CKE to clock disable or power-down entry mode READ/WRITE command to READ/WRITE command DQM to data high-impedance during READs WRITE command to input data delay Data-in to ACTIVE command DQM to data mask during WRITEs Last data-in to PRECHARGE command Last data-in to new READ/WRITE command Last data-in to burst STOP command Data-in to PRECHARGE command |