công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4SD8M16 bảng dữ liệu(PDF) 5 Page - Micross Components

tên linh kiện AS4SD8M16
Giải thích chi tiết về linh kiện  Self Refresh Mode
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSS [Micross Components]
Trang chủ  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD8M16 bảng dữ liệu(HTML) 5 Page - Micross Components

  AS4SD8M16 Datasheet HTML 1Page - Micross Components AS4SD8M16 Datasheet HTML 2Page - Micross Components AS4SD8M16 Datasheet HTML 3Page - Micross Components AS4SD8M16 Datasheet HTML 4Page - Micross Components AS4SD8M16 Datasheet HTML 5Page - Micross Components AS4SD8M16 Datasheet HTML 6Page - Micross Components AS4SD8M16 Datasheet HTML 7Page - Micross Components AS4SD8M16 Datasheet HTML 8Page - Micross Components AS4SD8M16 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
SDRAM
AS4SD8M16
AS4SD8M16
Rev. 1.6 March 27, 2015
Micross Components reserves the right to change products or specifications without notice.
5
FIGURE 1: Mode Register Definition
TABLE 1: Burst Definition
TYPE = SEQUENTIAL TYPE = INTERLEAVED
A0
0
0-1
0-1
1
1-0
1-0
A1 A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
A2 A1 A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1-
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Full
Page
(y)
n=A0-A8
(location 0-y)
Cn, Cn+1, Cn+2, Cn+3,
Cn+4…
…Cn-1,
Cn…
Not Supported
4
8
BURST
LENGTH
STARTING
COLUMN
ORDER OF ACCESSES WITHIN A BURST
2
NOTES:
1. For full-page access: y=512
2. For a burst length of two, A1-A8 select the block-of-two burst;
A0 selects the starting column within the block.
3. For a burst length of four, A2-A8 select the block-of-four burst;
A0-A1 selects the starting column within the block.
4. For a burst length of eight, A3-A8 select the block-of-eight burst; A0-A2
selects the starting column within the block.
5. For a full-page burst, the full row is selected and A0-A8 select the starting
column.
6. Whenever a boundary of the block is reached within a given sequence
above, the following access wraps within the block.
7. For a burst length of one, A0-A8 select the unique column to be accessed,
and mode register bit M3 is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52