công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L041C4 bảng dữ liệu(PDF) 99 Page - STMicroelectronics

tên linh kiện STM32L041C4
Giải thích chi tiết về linh kiện  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L041C4 bảng dữ liệu(HTML) 99 Page - STMicroelectronics

Back Button STM32L041C4 Datasheet HTML 95Page - STMicroelectronics STM32L041C4 Datasheet HTML 96Page - STMicroelectronics STM32L041C4 Datasheet HTML 97Page - STMicroelectronics STM32L041C4 Datasheet HTML 98Page - STMicroelectronics STM32L041C4 Datasheet HTML 99Page - STMicroelectronics STM32L041C4 Datasheet HTML 100Page - STMicroelectronics STM32L041C4 Datasheet HTML 101Page - STMicroelectronics STM32L041C4 Datasheet HTML 102Page - STMicroelectronics STM32L041C4 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 119 page
background image
DocID027301 Rev 4
99/119
STM32L041x4/6
Package information
116
LQFP48 device marking
The following figure gives an example of topside marking versus pin 1 position identifier
location.
Other optional marking or inset/upset marks, which depends assembly location, are not
indicated below.
Figure 36. Example of LQFP48 marking (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More