| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L041C4 bảng dữ liệu(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L041C4 bảng dữ liệu(HTML) 91 Page - STMicroelectronics |
|
91 / 119 page ![]() DocID027301 Rev 4 91/119 STM32L041x4/6 Electrical characteristics 95 USART/LPUART characteristics The parameters given in the following table are guaranteed by design. Table 66. USART/LPUART characteristics Symbol Parameter Conditions Typ Max Unit tWUUSART Wakeup time needed to calculate the maximum USART/LPUART baudrate allowing to wake up from Stop mode Stop mode with main regulator in Run mode, Range 2 or 3 -8.7 µs Stop mode with main regulator in Run mode, Range 1 -8.1 Stop mode with main regulator in low-power mode, Range 2 or 3 -12 Stop mode with main regulator in low-power mode, Range 1 -11.4 |