| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL600USB-A bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL600USB-A bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 38 page ![]() 8 06/19/2000 GL600USB/GL600USB-A/GL600USB-B Revision 1.3 3.2 GL600USB-A Pin No. Name I/O Description 1 P1.2/LB [1] I/O Port 1 bit 2/mouse left button Internal pull up 10K 2 P1.3/MB I/O Port 1 bit 3/mouse middle button Internal pull up 10K 3 P1.4/RB I/O Port 1 bit 4/mouse right button Internal pull up 10K 4 VCC - Voltage supply 5 XTAL2 O Ceramic resonator or crystal out 6 XTAL1 I Ceramic resonator or crystal in 7 P2.4/Z1 I/O Port 2 bit 4/photo-sensor input for vertical scroll 1 Optional internal pull down from 4K ~ 32K or no pull down resistor 8 D+ I/O USB data+ 9 D- I/O USB data- 10 V3.3 O 3.3V output, a 0.1uF to 1uF capacitor should be added on external circuit for this pin 11 P2.5/Z2 I/O Port 2 bit 5/photo-sensor input for vertical scroll 2 Optional internal pull down from 4K ~ 32K or no pull down resistor 12 P1.0 I/O Port 1 bit 0 with LED drive capability 13 P1.1 I/O Port 1 bit 1 with LED drive capability 14 GND - Ground 15 P2.3/Y1 I/O Port 2 bit 3/photo-sensor input for Y axis 1 Optional internal pull down from 4K ~ 32K or no pull down resistor 16 P2.2/Y2 I/O Port 2 bit 2/photo-sensor input for Y axis 2 Optional internal pull down from 4K ~ 32K or no pull down resistor 17 P2.1/X1 I/O Port 2 bit 1/photo-sensor input for X axis 1 Optional internal pull down from 4K ~ 32K or no pull down resistor 18 P2.0/X2 I/O Port 2 bit 0/photo-sensor input for X axis 2 Optional internal pull down from 4K ~ 32K or no pull down resistor Table 3 -2 GL600USB-A Pin Definitions and Descriptions Figure 3-2 18-pin DIP & SOP (GL600USB-A) P2.0 P2.1 P2.2 P2.3 GND P1.1 P1.0 P2.5 V3.3 1 18 2 17 3 16 4 15 5 14 6 13 7 12 8 11 9 10 P1.2 P1.3 P1.4 VCC XTAL2 XTAL1 P2.4 D+ D- |