công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GL600USB-A bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện GL600USB-A
Giải thích chi tiết về linh kiện  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-A bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GL600USB-A Datasheet HTML 2Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 3Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 4Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 5Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 6Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 7Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 8Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 9Page - List of Unclassifed Manufacturers GL600USB-A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
3
PIN DEFINITIONS AND DESCRIPTIONS
3.1
GL600USB
Pin No.
Name
I/O
Description
1
P1.2/LB
[1]
I/O
Port 1 bit 2/mouse left button
Internal pull up 10K
2
P1.3/MB
I/O
Port 1 bit 3/mouse middle button
Internal pull up 10K
3
P1.4/RB
I/O
Port 1 bit 4/mouse right button
Internal pull up 10K
4
P2.7/W2
I/O
Port 2 bit 7/photo-sensor input for horizontal scroll 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
5
VCC
-
Voltage supply
6
XTAL2
O
Ceramic resonator or crystal out
7
XTAL1
I
Ceramic resonator or crystal in
8
P2.4/Z1
I/O
Port 2 bit 4/photo-sensor input for vertical scroll 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
9
D+
I/O
USB data+
10
D-
I/O
USB data-
11
V3.3
O
3.3V output, a 0.1uF to 1uF capacitor should be added
on external circuit for this pin
12
P2.5/Z2
I/O
Port 2 bit 5/photo-sensor input for vertical scroll 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
13
P2.6/W1
I/O
Port 2 bit 6/photo-sensor input for horizontal scroll 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
14
P1.0
I/O
Port 1 bit 0 with LED drive capability
15
P1.1
I/O
Port 1 bit 1 with LED drive capability
16
GND
-
Ground
17
P2.3/Y1
I/O
Port 2 bit 3/photo-sensor input for Y axis 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
18
P2.2/Y2
I/O
Port 2 bit 2/photo-sensor input for Y axis 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
19
P2.1/X1
I/O
Port 2 bit 1/photo-sensor input for X axis 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
20
P2.0/X2
I/O
Port 2 bit 0/photo-sensor input for X axis 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
Note 1: Name or description after “/” means default function specified by Genesys Logic firmware
Table 3 -1 GL600USB Pin Definitions and Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38