công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM1414 bảng dữ liệu(PDF) 3 Page - Mitsumi Electronics, Corp.

tên linh kiện MM1414
Giải thích chi tiết về linh kiện  Protection of Lithium Ion Batteries
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUMI [Mitsumi Electronics, Corp.]
Trang chủ  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1414 bảng dữ liệu(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1414 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1414 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1414 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1414 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1414 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1414 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1414 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1414 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1414 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUMI
Protection of Lithium Ion Batteries MM1414
Pin Description
Pin No. Pin name
I/O
Functions
Overcharge detection output pin
1
OV
Output
NPNTr open collector output
Normal: high impedance
Overcharge: Low
2
N.C
Not connected
Overcurrent detection pin
3
CS
Input
Monitors load current equivalently by the voltage drop between discharge control
FET source and drain, and makes DCHG pin high when the voltage goes below
overcurrent detection voltage, turning off discharge control FET. After
overcurrent detection, current flows from this pin and when there is a light load,
overcurrent mode is released. This function does not operate in discharge mode.
4
N.C
Not connected
Discharge control FET (P-ch) drive pin
5
DCHG
Output
Normal: Low
Overdischarge: High
6
N.C
Not connected
7
CDC
Input
Overdischarge detection dead time setting pin
Dead time can be set by connecting a capacitor between CDC pin and ground.
8
COL
Input
Overcurrent detection dead time setting pin
Dead time can be set by connecting a capacitor between COL pin and ground.
9
COV
Input
Overcharge detection dead time setting pin
Dead time can be set by connecting a capacitor between COV pin and ground.
10
GND
Input
Ground pin
11
SEL
Input
3 cell switch pin
SEL pin = GND: 3 cell (no V1 cell detection)
SEL pin = VCC: 4 cell
12
N.C
Not connected
Discharge FET ON/OFF pin
13
CON
Input
CON pin low; DCHG pin low
CON pin high; DCHG pin high
14
N.C
Not connected
15
V1
Input
V1 cell high side voltage input pin
16
V2
Input
V2 cell high side voltage and V3 cell low side voltage input pin
17
V3
Input
V3 cell high side voltage and V4 cell low side voltage input pin
18
V4
Input
V4 cell high side voltage input pin
19
N.C
Not connected
20
VCC
Input
Power supply input pin



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com