| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BFP620F bảng dữ liệu(PDF) 1 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BFP620F bảng dữ liệu(HTML) 1 Page - Infineon Technologies AG |
|
1 / 9 page ![]() 2013-09-09 1 BFP620F 1 2 4 3 Low Noise SiGe:C Bipolar RF Transistor • High gain low noise RF transistor • Based on Infineon's reliable high volume Silicon Germanium technology • Outstanding noise figure NFmin = 0.7 dB at 1.8 GHz Outstanding noise figure NFmin = 1.3 dB at 6 GHz • Maximum stable gain Gms = 21 dB at 1.8 GHz Gma = 10 dB at 6 GHz • Pb-free (RoHS compliant) and halogen-free thin small flat package (1.4 x 0.8 x 0.59 mm) with visible leads • Qualification report according to AEC-Q101 available 1 3 4 2 Direction of Unreeling Top View XYs ESD (Electrostatic discharge) sensitive device, observe handling precaution! Type Marking Pin Configuration Package BFP620F R2s 1=B 2=E 3=C 4=E - - TSFP-4 Maximum Ratings at TA = 25 °C, unless otherwise specified Parameter Symbol Value Unit Collector-emitter voltage TA = 25 °C TA = -55 °C VCEO 2.3 2.1 V Collector-emitter voltage VCES 7.5 Collector-base voltage VCBO 7.5 Emitter-base voltage VEBO 1.2 Collector current IC 80 mA Base current IB 3 Total power dissipation1) TS ≤ 96°C Ptot 185 mW Junction temperature TJ 150 °C Storage temperature TStg -55 ... 150 1TS is measured on the emitter lead at the soldering point to the pcb |
Số phần tương tự - BFP620F_13 |
|
Mô tả tương tự - BFP620F_13 |