công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CL-PD6722 bảng dữ liệu(PDF) 82 Page - Cirrus Logic

tên linh kiện CL-PD6722
Giải thích chi tiết về linh kiện  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 bảng dữ liệu(HTML) 82 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 78Page - Cirrus Logic CL-PD6722 Datasheet HTML 79Page - Cirrus Logic CL-PD6722 Datasheet HTML 80Page - Cirrus Logic CL-PD6722 Datasheet HTML 81Page - Cirrus Logic CL-PD6722 Datasheet HTML 82Page - Cirrus Logic CL-PD6722 Datasheet HTML 83Page - Cirrus Logic CL-PD6722 Datasheet HTML 84Page - Cirrus Logic CL-PD6722 Datasheet HTML 85Page - Cirrus Logic CL-PD6722 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
82
VS1# AND VS2# VOLTAGE DETECTION
On the CL-PD6722, the B_GPSTB pin is programmed as a general-purpose read strobe. The VS1# and
VS2# pins from the A and B sockets are connected to the external half of a ’244 buffer as follows (which
allows Socket A VS1 and VS2 to appear as bits 0 and 1, and Socket B VS1 and VS2 to appear as bits 2
and 3):
Figure 13-1. VS1# and VS2# Sensing on a CL-PD6722
(Socket B Extension Control 2 bit 3 is ‘1’)
CL-PD6722
IOR*
IOR*
SD[15:0]
SD[15:0]
B_GPSTB
Tristate Buffer (such as 1/2 of a ’244)
D3
D0
OE
VS_RD*
SD[11:8]
+5V
5-V Supply
Socket A
Socket B
Pin 43
Pin 57
Pin 43
Pin 57
VS1#
VS2#
VS1#
VS2#
(16-bit bus)
† Pull-up resistor, or set Extension Control 2 bit 2 to ‘1’ for totem-pole output.
†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More