| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS80C51RA2-VCKB bảng dữ liệu(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TS80C51RA2-VCKB bảng dữ liệu(HTML) 20 Page - ATMEL Corporation |
|
20 / 74 page ![]() 20 Rev. C - 06 March, 2001 TS80C51RA2/RD2 TS83C51RB2/RC2/RD2 TS87C51RB2/RC2/RD2 It is possible to use timer 2 as a baud rate generator and a clock generator simultaneously. For this configuration, the baud rates and clock frequencies are not independent since both functions use the values in the RCAP2H and RCAP2L registers. Figure 6. Clock-Out Mode C/T2=0 :2 EXF2 TR2 OVERFLOW T2EX TH2 (8-bit) TL2 (8-bit) TIMER 2 RCAP2H (8-bit) RCAP2L (8-bit) T2OE T2 XTAL1 T2CON reg T2CON reg T2CON reg T2MOD reg INTERRUPT QD Toggle EXEN2 (:1 in X2 mode) |