công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG409LEDY-GE3 bảng dữ liệu(PDF) 6 Page - Vishay Siliconix

tên linh kiện DG409LEDY-GE3
Giải thích chi tiết về linh kiện  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LEDY-GE3 bảng dữ liệu(HTML) 6 Page - Vishay Siliconix

Back Button DG409LEDY-GE3 Datasheet HTML 2Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 3Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 4Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 5Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 6Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 7Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 8Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 9Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
6
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
R
DS(on) = RDS(on) max. - RDS(on) min.
h. Worst case isolation occurs on channel 4 do to proximity to the drain pin.
SPECIFICATIONS (Single Supply 5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 5 V, ± 10 %, V- = 0 V
VEN = 0.6 V or 2.4 V f
TEMP. b
TYP. d
D SUFFIX
-40 °C to +85 °C
UNIT
MIN. c
MAX. c
Analog Switch
Analog Signal Range e
VANALOG
Full
-
0
5
V
Drain-Source
On-Resistance
RDS(on)
V+ = 4.5 V, VD or VS = 1 V or 3.5 V,
IS = 5 mA
Room
28
-
36
Full
-
-
41
RDS(on) Matching Between
Channels g
R
DS
V+ = 4.5 V, VD = 1 V or 3.5 V,
IS = 5 mA
Room
1
-
3
On-Resistance Flatness
RFLAT(on)
Room
-
-
4
Switch Off Leakage
Current a
IS(off)
V+ = 5.5 V, VS = 1 V or 4 V
VD = 4 V or 1 V
Room
-
-1
1
nA
Full
-
-5
5
ID(off)
Room
-
-1
1
Full
-
-5
5
Channel On Leakage
Current a
ID(on)
V+ = 5.5 V, VD = VS = 1 V or 4 V
sequence each switch on
Room
-
-1
1
Full
-
-5
5
Digital Control
Logic High Input Voltage
VINH
V+ = 5 V
Full
-
2.4
-
V
Logic Low Input Voltage
VINL
Full
-
-
0.6
Input Current a
IIN
VAX = VEN = 2.4 V or 0.6 V
Full
-
-1
1
μA
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 3.5 V, VS8 = 0 V, (DG408LE)
VS1b = 3.5 V, VS4b = 0 V, (DG409LE)
see figure 2
Room
113
-
135
ns
Full
-
-
165
Break-Before-Make Time
tOPEN
VS(all) = VDA = 3.5 V,
see figure 4
Room
75
1
-
Full
-
-
-
Enable Turn-On Time
tON(EN)
VAX = 0 V, VS1 = 3.5 V (DG408LE)
VAX = 0 V, VS1b = 3.5 V (DG409LE)
see figure 3
Room
77
-
89
Full
-
-
110
Enable Turn-Off Time
tOFF(EN)
Room
43
-
50
Full
-
-
53
Charge Injection e (DG408LE)
QCL = 1 nF, RGEN = 0 , VGEN = 2.5 V
Room
-2
-
-
pC
Charge Injection e (DG409LE)
Room
-2
-
-
Off Isolation e, h (DG408LE)
OIRR
f = 100 kHz, RL = 50 
Room
-100
-
-
dB
Off Isolation e, h (DG409LE)
Room
-83
-
-
Crosstalk e (DG408LE)
XTALK
Room
-101
-
-
Crosstalk e (DG409LE)
Room
-108
-
-
Source Off Capacitance e
(DG408LE)
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
6.5
-
-
pF
Source Off Capacitance e
(DG409LE)
Room
6.5
-
-
Drain Off Capacitance e
(DG408LE)
CD(off)
f = 1 MHz, VD = 0 V, VEN = 0 V
Room
30
-
-
Drain Off Capacitance e
(DG409LE)
Room
16
-
-
Drain On Capacitance e
(DG408LE)
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
Room
40
-
-
Drain On Capacitance e
(DG409LE)
Room
26.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com