công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCM603-3PQ bảng dữ liệu(PDF) 3 Page - Cooper Bussmann, Inc.

tên linh kiện BCM603-3PQ
Giải thích chi tiết về linh kiện  Modular ferrule fuse blocks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COOPER [Cooper Bussmann, Inc.]
Trang chủ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BCM603-3PQ bảng dữ liệu(HTML) 3 Page - Cooper Bussmann, Inc.

  BCM603-3PQ Datasheet HTML 1Page - Cooper Bussmann, Inc. BCM603-3PQ Datasheet HTML 2Page - Cooper Bussmann, Inc. BCM603-3PQ Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data 10241
Effective December 2015
BCM and BMM modular
Class CC and supplemental ferrule fuse blocks
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are by
definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user
with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of
any products. Eaton also reserves the right to change or update, wit hout notice, any technical information contained in this bulletin. Once a product has been
selected, it should be tested by the user in all possible applications.
Table 2. Terminal specifications
Terminal type
75/90°C AWG
type/range
Torque
AWG
lb-in (N•m)
Box lug (C)
Cu 2-14
Al 2-8
Cu 2-3
Cu 4-6
Cu 8-14
Al 2-6
Al 8
50 (5.6)
45 (5.1)
35 (4.0)
50 (5.6)
40 (4.5)
Screw (S)
Cu 10-18
10-18
20 (2.3)
Screw/quick connect* (SQ)
Pressure plate (P)
Pressure plate/
quick connect* (PQ)
* ¼“ Quick Connect terminal maximum ampacity dependent on female spade connector
and wire ratings.
Table 3. Recommended covers*
Terminal type
Cover part numbers
Indicating
Non indicating
Box lug (C)
CVRI-CCM
CVR-CCM
Screw (S)
CVRI-CCM
CVR-CCM
Screw/quick connect (SQ)
CVRI-CCM-QC
CVR-CCM-QC
Pressure plate (P)
CVRI-CCM
CVR-CCM
Pressure plate/quick connect
(PQ)
CVRI-CCM-QC
CVR-CCM-QC
* For use with 4AWG max conductors.
Dimensions - mm (in)
77
3.0
21
.8
20
.8
20
.8
40
1.6
39
1.6
59
2.3
60
2.4
95
3.7
41
1.6
33
1.3
16
.6
33
1.3
4
.2
10
.4
With cover.
See Table 3 for available covers.
BMM603-3C with
CVRI-CCM covers and
TM26CB marker labels
Eaton, Bussmann, Limitron and Low-Peak
are valuable trademarks of Eaton in the US
and other countries. You are not permitted
to use the Eaton trademarks without prior
written consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 10241 – BUS-SB14605
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
see table 3 for available covers.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com