công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCM603-3PQ bảng dữ liệu(PDF) 2 Page - Cooper Bussmann, Inc.

tên linh kiện BCM603-3PQ
Giải thích chi tiết về linh kiện  Modular ferrule fuse blocks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COOPER [Cooper Bussmann, Inc.]
Trang chủ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BCM603-3PQ bảng dữ liệu(HTML) 2 Page - Cooper Bussmann, Inc.

  BCM603-3PQ Datasheet HTML 1Page - Cooper Bussmann, Inc. BCM603-3PQ Datasheet HTML 2Page - Cooper Bussmann, Inc. BCM603-3PQ Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 10241
Effective December 2015
BCM and BMM modular
Class CC and supplemental ferrule fuse blocks
Eaton.com/bussmannseries
Specifications
Ratings:
•
Volts – 600V
•
Amps – up to 30A
•
Withstand – 200kA RMS Sym.
Agency information:
Class CC BCM
•
UL® Listed E14853 - IZLT
•
CSA® Certified 47235-6225-01
•
CE
•
RoHS Compliant
•
Conflict mineral free
•
REACH declaration available upon request
13/32” x 1-1/2” (Midget) BMM
•
UL Recognized E14853 - IZLT2
•
CSA Certified 47235-6225-01
•
CE
•
RoHS compliant
•
Conflict mineral free
•
REACH declaration available upon request
Covers:
•
Covers are included in the overall UL Listing/Recognition and
CSA Certification
•
IP20 finger-safe
•
RoHS compliant
•
REACH declaration available upon request
Poles:
•
1-, 2-, 3-pole units factory assembled
•
Single-pole units snap together to create desired number of
poles
Flammability ratings:
•
Blocks – UL 94V0, self-extinguishing
•
Covers – UL 94HB, self-extinguishing
Operating and storage temperature range:
•
Blocks – -40°C to +120°C
•
Non indicating covers – -40°C to +120°C
•
Indicating covers – -20°C to +90°C*
* Indication requires minimum 90Vac/dc and closed circuit to
illuminate.
Materials:
•
Base – Thermoplastic
•
Terminals – Tin-plated bimetallic copper
•
Covers – Thermoplastic
•
Screws and pressure plates – Zinc-plated steel
Cover Part Numbers:
•
For blocks with quick connect terminals – CVR(I)-CCM-QC
•
All other terminal options – CVR(I)-CCM
Marker labels:
•
Use Bussmann series part number TM26CB
Recommended Bussmann series fuses:
Class CC
•
Ultimate protection time-delay Low-Peak™ LP-CC,
data sheet No. 1023
•
Advanced protection time-delay Limitron™ FNQ-R,
data sheet No. 1014
•
Advanced protection fast-acting Limitron KTK-R,
data sheet No. 1015
13/32” x 1-1/2” (midget)
•
Fast-acting 250Vac BAF, data sheet No. 2011
•
Fast-acting 600Vac KTK, data sheet No. 1011
•
Fast-acting 600Vac/dc KLM, data sheet No. 2020
•
Time-delay 250Vac FNM, data sheet No. 2028
•
Time-delay 500Vac FNQ, data sheet No. 1012
10x38mm (IEC)
•
Class aM and gG/gL IEC industrial fuses, data sheet No.
720115
Recommended Bussmann series DIN-Rail end stops:
•
Part No. BRKT-ND
•
Part No. BRKT-NDSCREW2
Table 1. Catalog numbers
Terminal type
Poles
Fuse class
#10-32
Phil-slot screw
Screw with
quick connect*
Pressure plate
Pressure plate with
quick connect*
Box lug
BCM603-1S
BCM603-1SQ
BCM603-1P
BCM603-1PQ
BCM603-1C
1
CC
BCM603-2S
BCM603-2SQ
BCM603-2P
BCM603-2PQ
BCM603-2C
2
CC
BCM603-3S
BCM603-3SQ
BCM603-3P
BCM603-3PQ
BCM603-3C
3
CC
—
BMM603-1SQ
—
BMM603-1PQ
BMM603-1C
1
10x38 (13/32”x1-1/2”)
—
BMM603-2SQ
—
BMM603-2PQ
BMM603-2C
2
10x38 (13/32”x1-1/2”)
—
BMM603-3SQ
—
BMM603-3PQ
BMM603-3C
3
10x38 (13/32”x1-1/2”)
—
BCCMM603-3SQ —
BCCMM603-3PQ
—
3
3-Pole control circuit transformer block
2-pole CC with 1-pole 10x38 (13/32”x1-
½”)
* ¼“ Quick Connect terminal maximum ampacity dependent on female spade connector and wire ratings.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com