công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3919 bảng dữ liệu(PDF) 24 Page - Microchip Technology

tên linh kiện MCP3919
Giải thích chi tiết về linh kiện  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 bảng dữ liệu(HTML) 24 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 20Page - Microchip Technology MCP3919 Datasheet HTML 21Page - Microchip Technology MCP3919 Datasheet HTML 22Page - Microchip Technology MCP3919 Datasheet HTML 23Page - Microchip Technology MCP3919 Datasheet HTML 24Page - Microchip Technology MCP3919 Datasheet HTML 25Page - Microchip Technology MCP3919 Datasheet HTML 26Page - Microchip Technology MCP3919 Datasheet HTML 27Page - Microchip Technology MCP3919 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
MCP3919
DS20005347A-page 24
 2014 Microchip Technology Inc.
Since this is the output data rate, and because the
decimation filter is a SINC (or notch) filter, there is a
notch in the filter transfer function at each integer
multiple of this rate.
Table 4-2 describes the various combinations of OSR
and PRESCALE, and their associated AMCLK,
DMCLK and DRCLK rates.
TABLE 4-2:
DEVICE DATA RATES IN FUNCTION OF MCLK, OSR AND PRESCALE,
MCLK = 4 MHZ
PRE<1:0>
OSR<2:0>
OSR
AMCLK
DMCLK
DRCLK
DRCLK
(ksps)
SINAD
(dB)
Note 1
ENOB
from
SINAD
(bits)
Note 1
11
1
1
1
4096
MCLK/8
MCLK/32
MCLK/131072
.035
102.5
16.7
11
1
1
1
2048
MCLK/8
MCLK/32
MCLK/65536
.061
100
16.3
11
1
1
1
1024
MCLK/8
MCLK/32
MCLK/32768
.122
97
15.8
11
1
1
1
512
MCLK/8
MCLK/32
MCLK/16384
.244
96
15.6
11
0
1
1
256
MCLK/8
MCLK/32
MCLK/8192
0.488
94
15.3
11
0
1
0
128
MCLK/8
MCLK/32
MCLK/4096
0.976
90
14.7
11
0
0
1
64
MCLK/8
MCLK/32
MCLK/2048
1.95
83
13.5
11
0
0
0
32
MCLK/8
MCLK/32
MCLK/1024
3.9
70
11.3
10
1
1
1
4096
MCLK/4
MCLK/16
MCLK/65536
.061
102.5
16.7
10
1
1
1
2048
MCLK/4
MCLK/16
MCLK/32768
.122
100
16.3
10
1
1
1
1024
MCLK/4
MCLK/16
MCLK/16384
.244
97
15.8
10
1
1
1
512
MCLK/4
MCLK/16
MCLK/8192
.488
96
15.6
10
0
1
1
256
MCLK/4
MCLK/16
MCLK/4096
0.976
94
15.3
10
0
1
0
128
MCLK/4
MCLK/16
MCLK/2048
1.95
90
14.7
10
0
0
1
64
MCLK/4
MCLK/16
MCLK/1024
3.9
83
13.5
10
0
0
0
32
MCLK/4
MCLK/16
MCLK/512
7.8125
70
11.3
01
1
1
1
4096
MCLK/2
MCLK/8
MCLK/32768
.122
102.5
16.7
01
1
1
1
2048
MCLK/2
MCLK/8
MCLK/16384
.244
100
16.3
01
1
1
1
1024
MCLK/2
MCLK/8
MCLK/8192
.488
97
15.8
01
1
1
1
512
MCLK/2
MCLK/8
MCLK/4096
.976
96
15.6
01
0
1
1
256
MCLK/2
MCLK/8
MCLK/2048
1.95
94
15.3
01
0
1
0
128
MCLK/2
MCLK/8
MCLK/1024
3.9
90
14.7
01
0
0
1
64
MCLK/2
MCLK/8
MCLK/512
7.8125
83
13.5
01
0
0
0
32
MCLK/2
MCLK/8
MCLK/256
15.625
70
11.3
00
1
1
1
4096
MCLK
MCLK/4
MCLK/16384
.244
102.5
16.7
00
1
1
0
2048
MCLK
MCLK/4
MCLK/8192
.488
100
16.3
00
1
0
1
1024
MCLK
MCLK/4
MCLK/4096
.976
97
15.8
00
1
0
0
512
MCLK
MCLK/4
MCLK/2048
1.95
96
15.6
00
0
1
1
256
MCLK
MCLK/4
MCLK/1024
3.9
94
15.3
00
0
1
0
128
MCLK
MCLK/4
MCLK/512
7.8125
90
14.7
00
0
0
1
64
MCLK
MCLK/4
MCLK/256
15.625
83
13.5
00
0
0
0
32
MCLK
MCLK/4
MCLK/128
31.25
70
11.3
Note 1:
For OSR = 32 and 64, DITHER = None. For OSR = 128 and higher, DITHER = Maximum. The SINAD
values are given from GAIN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88