| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCS3122 bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3122 bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 26 page ![]() 2014 Microchip Technology Inc. DS40001762A-page 11 MCS3122 4.5.4 SEED WORD FORMAT The seed word is used when pairing the transmitter to a receiver using a secure learn methodology. The seed code word format is shown is Figure 4-3. While the MCS3122 Flash data contains user-configurable 64-bit seed data, the encoder will send 128-bit seed code. The 128-bit seed code is constructed using the user-configured seed code for the lower 64 bits of the seed. The upper 64 bits are added by MCS3122 as 8 bytes with a 0x12 value. FIGURE 4-3: ADVANCED KEELOQ® SEED WORD FORMAT(1) Serial Number 64-Bit Padded Seed Upper Value (2) 64-Bit Configurable Seed Lower Value 32 bits Fixed Portion 128 bit Seed Authorization Code 32 bits Auth. Portion Note 1: MCS3122 can set a different serial number for the seed packet. This is typically set to 0xFFFFFFFF. 2: The padded value is 0x1212121212121212. 3: The data is sent LSB first (in this figure from right to left. |