| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCS3122 bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3122 bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 26 page ![]() MCS3122 DS40001762A-page 4 2014 Microchip Technology Inc. 2.0 DEVICE DESCRIPTION As shown in the typical application circuit (Figure 2-1), MCS3122 is a simple device to use. It requires only the addition of up to three buttons, a transmitter reference oscillator, and RF circuitry for use as the transmitter in the security application. See Table 1 for a description of each pin. FIGURE 2-1: TYPICAL CIRCUIT XTAL B1 B0 B2 LED VDD VDD Matching Circuit Block VDD VSS LED CTRL_OUT SW2 VDD CTRL_IN RFOUT SW0 SW1 DATA_OUT XTAL DATA_IN VSS |