| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS80C31X2-VCAR bảng dữ liệu(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TS80C31X2-VCAR bảng dữ liệu(HTML) 20 Page - ATMEL Corporation |
|
20 / 42 page ![]() 20 Rev. C - 15 January, 2001 TS80C31X2 IP - Interrupt Priority Register (B8h) Reset Value = XXX0 0000b Bit addressable 7 6 5 4 3 2 1 0 - - - PS PT1 PX1 PT0 PX0 Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 - Reserved The value read from this bit is indeterminate. Do not set this bit. 5 - Reserved The value read from this bit is indeterminate. Do not set this bit. 4 PS Serial port Priority bit Refer to PSH for priority level. 3 PT1 Timer 1 overflow interrupt Priority bit Refer to PT1H for priority level. 2 PX1 External interrupt 1 Priority bit Refer to PX1H for priority level. 1 PT0 Timer 0 overflow interrupt Priority bit Refer to PT0H for priority level. 0 PX0 External interrupt 0 Priority bit Refer to PX0H for priority level. |