| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS80C31X2-VCAR bảng dữ liệu(PDF) 15 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TS80C31X2-VCAR bảng dữ liệu(HTML) 15 Page - ATMEL Corporation |
|
15 / 42 page ![]() Rev. C - 15 January, 2001 15 TS80C31X2 6.3.5 Reset Addresses On reset, the SADDR and SADEN registers are initialized to 00h, i.e. the given and broadcast addresses are XXXX XXXXb (all don’t-care bits). This ensures that the serial port will reply to any address, and so, that it is backwards compatible with the 80C51 microcontrollers that do not support automatic address recognition. SADEN - Slave Address Mask Register (B9h) Reset Value = 0000 0000b Not bit addressable SADDR - Slave Address Register (A9h) Reset Value = 0000 0000b Not bit addressable 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 |