| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT51CS-R bảng dữ liệu(PDF) 42 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT51CS-R bảng dữ liệu(HTML) 42 Page - Future Technology Devices International Ltd. |
|
42 / 43 page ![]() Copyright © Future Technology Devices International Limited 42 FT51A Advanced MCU with 8051 Compatible Core IC Datasheet Version 1.5 Doc ument N o.: FT _000877 C learance N o.: FT DI#420 Register Address Register Name Description (0xDD) DMA_CURR_CNT_U_3 IO DMA Current Byte Count Register (Upper Bits) (0xDE) DMA_FIFO_DATA_3 IO DMA FIFO DATA (0xDF) DMA_AFULL_TRIGGER_3 IO DMA Almost Full Flag Trigger Value (0xE0) DMA_CONTROL_4 DMA Control Register (0xE1) DMA_ENABLE_4 IO DMA Enable Register (0xE2) DMA_IRQ_ENA_4 DMA IO Interrupt Enable & Control Register (0xE3) DMA_IRQ_4 DMA IO Interrupt Register (0xE4) DMA_SRC_MEM_ADDR_L_4 DMA IO Source Mem Addr Register (Lower Bits) (0xE5) DMA_SRC_MEM_ADDR_U_4 DMA IO Source Mem Addr Register (Upper Bits) (0xE6) DMA_DEST_MEM_ADDR_L_4 DMA IO Destination Mem Addr Register (Lower Bits) (0xE7) DMA_DEST_MEM_ADDR_U_4 DMA IO Destination Mem Addr Register (Upper Bits) (0xE8) DMA_IO_ADDR_L_4 DMA IO Addr Register (Lower Bits) (0xE9) DMA_IO_ADDR_U_4 IO DMA IO Addr Register (Upper Bits) (0xEA) DMA_TRANS_CNT_L_4 IO DMA Transfer Byte Count Register (Lower Bits) (0xEB) DMA_TRANS_CNT_U_4 IO DMA Transfer Byte Count Register (Upper Bits) (0xEC) DMA_CURR_CNT_L_4 IO DMA Current Byte Count Register (Lower Bits) (0xED) DMA_CURR_CNT_U_4 IO DMA Current Byte Count Register (Upper Bits) (0xEE) DMA_FIFO_DATA_4 IO DMA FIFO DATA (0xEF) DMA_AFULL_TRIGGER_4 IO DMA Almost Full Flag Trigger Value (0x100) AIO_CONTROL AIO Control Register (0x101) AIO_GLOBAL_CTRL AIO Global Control Register (0x102) to (0x105) AIO _MODE_0 to AIO _MODE_3 Mode Select for AIO pins 0-15. (0x108) AIO_SAMPLE_0 Initiates a SAMPLE of AIO 0 to 7 (0x109) AIO_SAMPLE_1 Initiates a SAMPLE of AIO 8 to 15 (0x10A) (0x10B) AIO_GLOBAL_PORT_SELECT_0_7 Selects the AIOs to be included in a Global function (0x10C) AIO_GLOBAL_PORT_SELECT_8_15 Selects the AIOs to be included in a Global function (0x13E) to (0x15D) AIO_0_ADC_DATA_L to AIO_15_ADC_DATA_U Sampled ADC data for AIO0 to AIO15 (0x16E) AIO_INTERRUPT_0_7 Interrupt status for ports 0-7 (0x16F) AIO_INT_ENABLE_0_7 Interrupt enable for ports 0-7 (0x170) AIO_INTERRUPT_8_15 Interrupt status for ports 8-15 (0x171) AIO_INT_ENABLE_8_15 Interrupt enable for ports 8-15 (0x176) AIO_SH_COUNTER_L Sample&Hold Settling time counter, lower 8 bits (0x177) AIO_SH_COUNTER_U Sample&Hold Settling time, upper 2 bits (0x17A) AIO_CLOCK_DIVIDER Clock Divider Table 0-1 – IO Registers |