| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT51CS-R bảng dữ liệu(PDF) 17 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT51CS-R bảng dữ liệu(HTML) 17 Page - Future Technology Devices International Ltd. |
|
17 / 43 page ![]() Copyright © Future Technology Devices International Limited 17 FT51A Advanced MCU with 8051 Compatible Core IC Datasheet Version 1.5 Doc ument N o.: FT _000877 C learance N o.: FT DI#420 The ADC supports single sample and global sample. In single sample mode only one selected AIO input will be sampled at a time. In global sample mode, all the selected AIO inputs will be sampled at the same time. The sample and hold settling time of the ADC is programmable. Once conversion is done, the respective interrupt bit will be set, and an interrupt can be generated if enabled. The accuracy of the ADC convertor is 8-bit. |