công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLC1606ISO8 bảng dữ liệu(PDF) 5 Page - Exar Corporation

tên linh kiện CLC1606ISO8
Giải thích chi tiết về linh kiện  1.3GHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1606ISO8 bảng dữ liệu(HTML) 5 Page - Exar Corporation

  CLC1606ISO8 Datasheet HTML 1Page - Exar Corporation CLC1606ISO8 Datasheet HTML 2Page - Exar Corporation CLC1606ISO8 Datasheet HTML 3Page - Exar Corporation CLC1606ISO8 Datasheet HTML 4Page - Exar Corporation CLC1606ISO8 Datasheet HTML 5Page - Exar Corporation CLC1606ISO8 Datasheet HTML 6Page - Exar Corporation CLC1606ISO8 Datasheet HTML 7Page - Exar Corporation CLC1606ISO8 Datasheet HTML 8Page - Exar Corporation CLC1606ISO8 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
5/18
Rev 1D
Electrical Characteristics at ±5V
TA = 25°C, Vs = ±5V, Rf = 270Ω, RL = 150Ω, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBW
-3dB Bandwidth
G = +1, Rf = 390Ω, VOUT = 0.5Vpp
1300
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.5Vpp
1200
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
875
MHz
BW0.1dBSS
0.1dB Gain Flatness
G = +2, VOUT = 0.5Vpp
150
MHz
BW0.1dBLS
0.1dB Gain Flatness
G = +2, VOUT = 2Vpp
150
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 2V step; (10% to 90%)
0.5
ns
tS
Settling Time to 0.1%
VOUT = 2V step
13
ns
OS
Overshoot
VOUT = 0.2V step
1
%
SR
Slew Rate
2V step
3300
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
2Vpp, 5MHz
-71
dBc
HD3
3rd Harmonic Distortion
2Vpp, 5MHz
-71
dBc
THD
Total Harmonic Distortion
2Vpp, 5MHz
-68
dB
IP3
Third-Order Intercept
2Vpp, 10MHz
39
dBm
DG
Differential Gain
NTSC (3.58MHz), AC-coupled, RL = 150Ω
0.01
%
DP
Differential Phase
NTSC (3.58MHz), AC-coupled, RL = 150Ω
0.01
°
en
Input Voltage Noise
> 1MHz
3
nV/√Hz
ini
Input Current Noise - Inverting
> 1MHz, Inverting
20
pA/√Hz
> 1MHz, Non-inverting
30
pA/√Hz
DC Performance
VIO
Input Offset Voltage(1)
-10
0.5
10
mV
dVIO
Average Drift
3.7
µV/°C
Ibn
Input Bias Current - Non-Inverting (1)
-45
±3.0
45
µA
dIbn
Average Drift
100
nA/°C
Ibi
Input Bias Current - Inverting (1)
-50
±7.0
50
µA
dIbi
Average Drift
56
nA/°C
PSRR
Power Supply Rejection Ratio (1)
DC
40
50
dB
IS
Supply Current (1)
7.5
9.5
mA
Input Characteristics
RIN
Input Resistance
Non-inverting
150
kΩ
Inverting
170
k
CIN
Input Capacitance
1.0
pF
CMIR
Common Mode Input Range
±4.0
V
CMRR
Common Mode Rejection Ratio (1)
DC
40
50
dB
Output Characteristics
RO
Output Resistance
Closed Loop, DC
0.1
Ω
VOUT
Output Voltage Swing
RL = 150Ω (1)
±3.0
±3.7
V
IOUT
Output Current
±280
mA
Notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com