| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SK560 bảng dữ liệu(PDF) 6 Page - Cystech Electonics Corp. |
|
|
|||||||||||||||||||||||||||||
SK560 bảng dữ liệu(HTML) 6 Page - Cystech Electonics Corp. |
|
6 / 6 page ![]() CYStech Electronics Corp. Spec. No. : C337AF Issued Date : 2014.04.30 Revised Date :2015.04.30 Page No. : 6/6 SK520AF-SK5100AF CYStek Product Specification DO-214AC/SMA-S Dimension & Marking Code : SMA-S Dim Min Max A 1.3 1.8 b 1.25 1.75 c 0.1 0.3 D 2.25 2.75 E 4.15 4.65 H 4.5 5.5 L 0.7 1.3 All Dimensions in mm Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. CYStek reserves the right to make changes to its products without notice. CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Marking Code : SK520AF SK530AF SK540AF SS52 SS53 SS54 SK550AF SK560AF SK580AF SS55 SS56 SS58 SK5100AF S510 |