| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SK560 bảng dữ liệu(PDF) 5 Page - Cystech Electonics Corp. |
|
|
|||||||||||||||||||||||||||||
SK560 bảng dữ liệu(HTML) 5 Page - Cystech Electonics Corp. |
|
5 / 6 page ![]() CYStech Electronics Corp. Spec. No. : C337AF Issued Date : 2014.04.30 Revised Date :2015.04.30 Page No. : 5/6 SK520AF-SK5100AF CYStek Product Specification Recommended temperature profile for IR reflow Profile feature Sn-Pb eutectic Assembly Pb-free Assembly Average ramp-up rate (Tsmax to Tp) 3 C/second max. 3 C/second max. Preheat −Temperature Min(TS min) −Temperature Max(TS max) −Time(ts min to ts max) 100 C 150 C 60-120 seconds 150 C 200 C 60-180 seconds Time maintained above: −Temperature (TL) − Time (tL) 183 C 60-150 seconds 217 C 60-150 seconds Peak Temperature(TP) 240 +0/-5 C 260 +0/-5 C Time within 5 C of actual peak temperature(tp) 10-30 seconds 20-40 seconds Ramp down rate 6 C/second max. 6 C/second max. Time 25 C to peak temperature 6 minutes max. 8 minutes max. Note : All temperatures refer to topside of the package, measured on the package body surface. |