| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSOX2COMP bảng dữ liệu(PDF) 13 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX2COMP bảng dữ liệu(HTML) 13 Page - Keysight Technologies |
|
13 / 26 page ![]() 13 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet Specifications/Characteristics (Continued) CAN specifications/characteristics (DSOX2AUTO and DSOX3AUTO) CAN input source Analog channels 1, 2, 3, or 4 Digital channels D0 to D15 non-differential. (3000 X-Series only) Signal types Rx, Tx, CAN_L, CAN_H, Diff (L-H), Diff (H-L) Baud rates 10 kb/s up to 5 Mb/s Triggering Start-of-frame (SOF) Remote frame ID (RMT) Data frame ID (~RMT) Remote or data frame ID Data frame ID and data Error frame All errors (includes protocol “form” errors that may not generate flagged error frames) Acknowledge errors Overload frames ID length: 11 bits or 29 bits (extended) Hardware-based decode Frame ID (hex digits in yellow) Remote frame (RMT in green) Data length code (DLC in blue) Data bytes (hex digits in white) CRC (hex digits in blue = valid, hex digits in red = error) Error frame (bi-level bus trace and ERR message in red) Form error (bi-level bus trace and “?” in red) Overload frame (“OVRLD” in blue) Idle bus (mid-level bus trace in dark blue) Active bus (bi-level bus trace in dark blue) Multi-bus analysis CAN plus one other serial bus, including another CAN bus. (3000 X-Series only) Totalize function Total frames, total overload frames, total error frames, bus utilization (bus load) Eye-diagram mask testing (3000 X-Series only, requires DSOX3MASK) Various downloadable mask files available based on differential probing polarity, baud rate, and network length |