| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSOX2COMP bảng dữ liệu(PDF) 9 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX2COMP bảng dữ liệu(HTML) 9 Page - Keysight Technologies |
|
9 / 26 page ![]() 09 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet SPI specifications/characteristics (DSOX2EMBD, DSOX3EMBD, DSOX4EMBD and DSOX6EMBD) MOSI, MISO, Clock, and CS input source Analog channels 1, 2, 3, or 4 Digital channels D0 to D15 (3000, 4000 and 6000 X-Series only) Max clock/data rate Up to 25 Mb/s Triggering 4- to 64-bit data pattern during a user-specified framing period Framing period can be a positive or negative chip select (CS or ~CS) or clock idle time (timeout) Hardware-based decode Number of decode traces: 2 independent traces (MISO and MOSI) Data (hex digits in white) Unknown/error bus (bi-level bus trace in red) Number of clocks/packet (“XX CLKS” in light-blue above data packet) Idle bus (mid-level bus trace in dark blue) Active bus (bi-level bus trace in dark blue) Multi-bus analysis SPI plus one other serial bus, excluding another SPI bus. (3000, 4000 and 6000 X-Series only) Specifications/Characteristics (Continued) |