| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSOS404A bảng dữ liệu(PDF) 17 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
MSOS404A bảng dữ liệu(HTML) 17 Page - Keysight Technologies |
|
17 / 42 page ![]() 17 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet InfiniiScan Rapidly trigger on complex events that you can see but are impossible to specify using hardware triggers. This innovative software quickly scans through thousands of acquired waveform cycles and isolated anomalous signal behavior. Select up to eight zones across scope channels are available. Analysis Applications A variety of analysis capabilities enable additional rapid insight SDA (Serial Data Analysis) Quickly validate signal integrity for high-speed serial interfaces with embedded clocks. Recover embedded clocks, and build and validate eye diagrams. SDA also includes software-base trigger and decode for 8B/10B data. EZJIT, EZJIT Plus, and EZJIT Complete Characterize and evaluate most commonly needed jitter measurements. EZJIT Plus automates Rj/Dj separation, and EZJIT Complete additionally characterizes vertical noise. See jitter data sheets for additional information. |