| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSOS404A bảng dữ liệu(PDF) 34 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
MSOS404A bảng dữ liệu(HTML) 34 Page - Keysight Technologies |
|
34 / 42 page ![]() 34 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet Horizontal Horizontal system: Oscilloscope channels Main timebase range 5 ps/div to 50 s/div Resolution 1 ps Modes Main, Delayed, Roll ⦁ (200 ms/div to 200 s/div) Reference position Continuously adjustable across horizontal display range Horizontal position range 0 to ± 500 sec Delayed sweep range 1 ps/div to current main time scale setting Time scale accuracy 1, 8 ± (12 ppb initial + 75 ppb/year aging) Oscilloscope channel de-skew range –1 ms to +1 ms Intrinsic jitter 6 (Sample clock jitter) Acquired time range or delta-time interval Internal reference External reference < 1 us (100 ns/div) 100 fs rms 100 fs rms 10 us (1 us/div) 123 fs rms 123 fs rms 100 us (10 us/div) 138 fs rms 138 fs rms 1 ms (100 us/div) 145 fs rms 145 fs rms 10 ms ( 1 ms/div) 200 fs rms 145 fs rms Inter-channel intrinsic jitter 3 100 fs rms Inter-channel skew drift 3, 7 < 500 fs rms Jitter measurement floor 2 – Time interval error ( ) 2 2 Intrinsic Jitter Noise Floor Slew Rate + – Period jitter ( ) 2 2 2 Noise Floor Intrinsic Jitter Slew Rate + – Cycle-cycle/N-cycle jitter ( ) 2 2 3 Noise Floor Intrinsic Jitter Slew Rate + Inter-channel jitter measurement floor 2, 3, 5 ( ) ( ) 2 2 2 1 2 Time Interval Time Interval Inter channel Error Edge Error Edge Intrinsic Jitter + + 1. Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ± 5 °C from firmware calibration temperature. 2. Sample rate at maximum. Noise and slew rate determined at fixed-voltage measurement threshold, near middle of signal. Displayed signal not vertically clipped. Slew rate of sine wave = (peak signal amplitude) ⦁ 2 ⦁ π ⦁ f, slew rate of fast step ~= (10 to 90% rise time). 3. Intra-channel = both edges on the same channel, Inter-channel = two edges on different channels. Time Interval Error(Edge1) = time-interval error measurement floor of first edge, Time Interval Error(Edge2) = time-interval error measurement floor of second edge. 4. Reading is the displayed Delta Time Measurement Accuracy measurement value. Do not double the listed Time Scale Accuracy value in Delta Time Measurement Accuracy formula. 5. Scope channels and signal interconnect de-skewed prior to measurement. 6. External timebase reference values measured using a Wenzel 501-04608A 10 MHz reference. Intrinsic jitter value depends on acquisition time range for Time Interval Error formula and depends on delta-time between edges for all two-edge formulas. 7. Skew between channels caused by ± 5 degrees C temperature change. 8. Initial = immediately after factory or user calibration. Infiniium S-Series Performance Characteristics (Continued) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |