| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16C554 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C554 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 55 page ![]() Philips Semiconductors SC16C554/554D Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder Product data Rev. 05 — 10 May 2004 2 of 55 9397 750 13132 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. s Fully programmable character formatting: x 5, 6, 7, or 8-bit characters x Even, Odd, or No-Parity formats x 1, 11 ⁄2, or 2-stop bit x Baud generation (DC to 5 Mbit/s) s False start-bit detection s Complete status reporting capabilities s 3-State output TTL drive capabilities for bi-directional data bus and control bus s Line Break generation and detection s Internal diagnostic capabilities: x Loop-back controls for communications link fault isolation s Prioritized interrupt system controls s Modem control functions (CTS, RTS, DSR, DTR, RI, DCD). 3. Ordering information Table 1: Ordering information Type number Package Name Description Version SC16C554DIA68 PLCC68 plastic leaded chip carrier; 68 leads SOT188-2 SC16C554DIB64 LQFP64 plastic low profile quad flat package; 64 leads; body 10 × 10 × 1.4 mm SOT314-2 SC16C554IB64 LQFP64 plastic low profile quad flat package; 64 leads; body 10 × 10 × 1.4 mm SOT314-2 SC16C554IB80 LQFP80 plastic low profile quad flat package; 80 leads; body 12 × 12 × 1.4 mm SOT315-1 |