| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16C550 bảng dữ liệu(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C550 bảng dữ liệu(HTML) 39 Page - NXP Semiconductors |
|
39 / 52 page ![]() Philips Semiconductors SC16C550 UART with 16-byte FIFO and IrDA encoder/decoder Product data Rev. 05 — 19 June 2003 39 of 52 9397 750 11619 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. Fig 18. Receive ready timing in non-FIFO mode. D0 D1 D2 D3 D4 D5 D6 D7 ACTIVE DATA READY ACTIVE 002aaa114 t26d NEXT DATA START BIT STOP BIT PARITY BIT START BIT t25d RX RXRDY IOR DATA BITS (5–8) Fig 19. Receive ready timing in FIFO mode. D0 D1 D2 D3 D4 D5 D6 D7 ACTIVE DATA READY ACTIVE 002aaa115 t26d STOP BIT PARITY BIT START BIT t25d RX RXRDY IOR DATA BITS (5–8) FIRST BYTE THAT REACHES THE TRIGGER LEVEL |