| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP3913 bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3913 bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 82 page ![]() MCP3913 DS20005227A-page 22 2013 Microchip Technology Inc. Since this is the output data rate, and because the decimation filter is a SINC (or notch) filter, there is a notch in the filter transfer function at each integer multiple of this rate. Table 4-2 describes the various combinations of OSR and PRESCALE, and their associated AMCLK, DMCLK and DRCLK rates. TABLE 4-2: DEVICE DATA RATES IN FUNCTION OF MCLK, OSR AND PRESCALE, MCLK = 4 MHZ PRE<1:0> OSR<2:0> OSR AMCLK DMCLK DRCLK DRCLK (ksps) SINAD (dB) Note 1 ENOB from SINAD (bits) Note 1 11 1 1 1 4096 MCLK/8 MCLK/32 MCLK/131072 .035 102.5 16.7 11 1 1 0 2048 MCLK/8 MCLK/32 MCLK/65536 .061 100 16.3 11 1 0 1 1024 MCLK/8 MCLK/32 MCLK/32768 .122 97 15.8 11 1 0 0 512 MCLK/8 MCLK/32 MCLK/16384 .244 96 15.6 11 0 1 1 256 MCLK/8 MCLK/32 MCLK/8192 0.488 95 15.5 11 0 1 0 128 MCLK/8 MCLK/32 MCLK/4096 0.976 91 14.8 11 0 0 1 64 MCLK/8 MCLK/32 MCLK/2048 1.95 84 13.6 11 0 0 0 32 MCLK/8 MCLK/32 MCLK/1024 3.9 70 11.3 10 1 1 1 4096 MCLK/4 MCLK/16 MCLK/65536 .061 102.5 16.7 10 1 1 0 2048 MCLK/4 MCLK/16 MCLK/32768 .122 100 16.3 10 1 0 1 1024 MCLK/4 MCLK/16 MCLK/16384 .244 97 15.8 10 1 0 0 512 MCLK/4 MCLK/16 MCLK/8192 .488 96 15.6 10 0 1 1 256 MCLK/4 MCLK/16 MCLK/4096 0.976 95 15.5 10 0 1 0 128 MCLK/4 MCLK/16 MCLK/2048 1.95 91 14.8 10 0 0 1 64 MCLK/4 MCLK/16 MCLK/1024 3.9 84 13.6 10 0 0 0 32 MCLK/4 MCLK/16 MCLK/512 7.8125 70 11.3 01 1 1 1 4096 MCLK/2 MCLK/8 MCLK/32768 .122 102.5 16.7 01 1 1 0 2048 MCLK/2 MCLK/8 MCLK/16384 .244 100 16.3 01 1 0 1 1024 MCLK/2 MCLK/8 MCLK/8192 .488 97 15.8 01 1 0 0 512 MCLK/2 MCLK/8 MCLK/4096 .976 96 15.6 01 0 1 1 256 MCLK/2 MCLK/8 MCLK/2048 1.95 95 15.5 01 0 1 0 128 MCLK/2 MCLK/8 MCLK/1024 3.9 91 14.8 01 0 0 1 64 MCLK/2 MCLK/8 MCLK/512 7.8125 84 13.6 01 0 0 0 32 MCLK/2 MCLK/8 MCLK/256 15.625 70 11.3 00 1 1 1 4096 MCLK MCLK/4 MCLK/16384 .244 102.5 16.7 00 1 1 0 2048 MCLK MCLK/4 MCLK/8192 .488 100 16.3 00 1 0 1 1024 MCLK MCLK/4 MCLK/4096 .976 97 15.8 00 1 0 0 512 MCLK MCLK/4 MCLK/2048 1.95 96 15.6 00 0 1 1 256 MCLK MCLK/4 MCLK/1024 3.9 95 15.5 00 0 1 0 128 MCLK MCLK/4 MCLK/512 7.8125 91 14.8 00 0 0 1 64 MCLK MCLK/4 MCLK/256 15.625 84 13.6 00 0 0 0 32 MCLK MCLK/4 MCLK/128 31.25 70 11.3 Note 1: For OSR = 32 and 64, DITHER = None. For OSR = 128 and higher, DITHER = Maximum. The SINAD values are given from GAIN = 1. |