| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1624-I/MC bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1624-I/MC bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 30 page ![]() 2010-2016 Microchip Technology Inc. DS40001420D-page 17 MCP1623/24 5.7 PCB Layout Information Good printed circuit board layout techniques are important to any switching circuitry and switching power supplies are no different. When wiring the switching high-current paths, short and wide traces should be used. Therefore, it is important that the input and output capacitors be placed as close as possible to the MCP1623/24 to minimize the loop area. The feedback resistors and feedback signal should be routed away from the switching node and the switching current loop. When possible, ground planes and traces should be used to help shield the feedback signal and minimize noise and magnetic interference. FIGURE 5-1: MCP1623/24 SOT-23-6 Recommended Layout. COUT L CIN +VIN GND GND +VOUT Via to GND Plane MCP1623/24 Via for Enable RTOP RBOT 1 |