công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1624-I/MC bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện MCP1624-I/MC
Giải thích chi tiết về linh kiện  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1624-I/MC bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button MCP1624-I/MC Datasheet HTML 8Page - Microchip Technology MCP1624-I/MC Datasheet HTML 9Page - Microchip Technology MCP1624-I/MC Datasheet HTML 10Page - Microchip Technology MCP1624-I/MC Datasheet HTML 11Page - Microchip Technology MCP1624-I/MC Datasheet HTML 12Page - Microchip Technology MCP1624-I/MC Datasheet HTML 13Page - Microchip Technology MCP1624-I/MC Datasheet HTML 14Page - Microchip Technology MCP1624-I/MC Datasheet HTML 15Page - Microchip Technology MCP1624-I/MC Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MCP1623/24
DS40001420D-page 12
 2010-2016 Microchip Technology Inc.
4.2
Functional Description
The MCP1623/24 is a compact, high-efficiency,
fixed-frequency,
step-up
DC-DC
converter
that
provides an easy-to-use power supply solution for
PIC® microcontroller applications powered by either
single-cell, two-cell, or three-cell alkaline, NiCd, or
NiMH, and single-cell Li-Ion or Li-Polymer batteries.
Figure 4-1 depicts the functional block diagram of the
MCP1623/24.
4.2.1
LOW-VOLTAGE START-UP
The MCP1623/24 is capable of starting from a low input
voltage. Start-up voltage is typically 0.65V for a 3.3V
output and 1 mA resistive load.
When enabled, the internal start-up logic turns the
rectifying P-Channel switch on until the output
capacitor is charged to a value close to the input
voltage. The rectifying switch is current limited during
this time. After charging the output capacitor to the
input voltage, the device starts switching. If the input
voltage is below 1.6V, the device runs open-loop with a
fixed duty cycle of 70% until the output reaches 1.6V.
During this time, the boost switch current is limited to
50% of its nominal value. Once the output voltage
reaches 1.6V, normal closed-loop PWM operation is
initiated.
The MCP1623/24 charges an internal capacitor with a
very weak current source. The voltage on this
capacitor, in turn, slowly ramps the current limit of the
boost switch to its nominal value. The soft-start
capacitor is completely discharged in the event of a
commanded shutdown or a thermal shutdown.
There is no undervoltage lockout feature for the
MCP1623/24. The device will start up at the lowest
possible voltage and run down to the lowest possible
voltage. For typical battery applications, this may result
in “motor-boating” for deeply discharged batteries.
FIGURE 4-1:
MCP1623/24 Block Diagram.
Gate Drive
and
Shutdown
Control
Logic
VIN
EN
V
OUT
GND
ISENSE
IZERO
I
LIMIT
0.3V
0V
Soft Start
Direction
Control
Oscillator
Slope
Comp.
S
PWM/PFM
Logic
1.21V
Internal
SW
FB
EA
Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30