| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE3000SXT bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3000SXT bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 88 page ![]() 55/88 ADE3XXX Timing Controller (TCON) Block 2.16 Timing Controller (TCON) Block The Output Timing Controller module provides timing for Smart Panel applications. The timing unit is based on horizontal and vertical counters locked with the output video stream. A set of programmable comparators provides all necessary time events to generate signals for the driver interface. Please refer to the programming tools for more details. Figure 6: TCON Block Diagram Table 20: TCON Registers (Sheet 1 of 6) Register Name Addr. Mode Bits Default Description TCON_CONTROL 0x0BC0 [7:3] Reserved R/W [2] 0 0: no TCON pipe delay matching 1: TCON pipe delay enabled (normal) R/W [1] 0 initialize SRTDs R/W [0] 0 enableTCON TCON_COMP_0_L 0x0B10 R/W [7:0] 0 count comparison value [7:0] TCON_COMP_0_H 0x0B11 R/W [7:5] Reserved R/W [4] 0: horizontal count compare 1: vertical count compare R/W [3:0] count comparison value [11:8] TCON_COMP_1_L 0x0B12 R/W [7:0] 0 refer to TCON_COMP_0 for definition TCON_COMP_1_H 0x0B13 R/W [7:0] TCON_COMP_2_L 0x0B14 R/W [7:0] 0 refer to TCON_COMP_0 for definition TCON_COMP_2_H 0x0B15 R/W [7:0] TCON_COMP_3_L 0x0B16 R/W [7:0] 0 refer to TCON_COMP_0 for definition TCON_COMP_3_H 0x0B17 R/W [7:0] TCON_COMP_4_L 0x0B18 R/W [7:0] 0 refer to TCON_COMP_0 for definition TCON_COMP_4_H 0x0B19 R/W [7:0] TCON_COMP_5_L 0x0B1A R/W [7:0] 0 refer to TCON_COMP_0 for definition TCON_COMP_5_H 0x0B1B R/W [7:0] TCON_COMP_6_L 0x0B1C R/W [7:0] 0 refer to TCON_COMP_0 for definition TCON_COMP_6_H 0x0B1D R/W [7:0] |