| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE3000SXT bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3000SXT bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 88 page ![]() Sync Mux Block ADE3XXX 40/88 2.10 Sync Mux Block The Sync Mux (SMUX) block provides the following functions: q selects between all possible sync signals q generates missing sync signals q selects between original and generated signals for output q generates the clamp signal for the ADC Table 14: Sync Mux Registers (Sheet 1 of 2) Register Name Addr Mode Bits Default Description SMUX_CTRL0 0x0200 R/W [7] 0x0 Select TCON[7] as internal_hsync source. Overrides SMUX_CTRL0[1:0] selection. R/W [6] 0x0 Select TCON[6] as internal_vsync source. Overrides SMUX_CTRL0[3:2] selection. R/W [5] 0x0 Select TCON[5] as internal_enable source. Overrides SMUX_CTRL0[4] selection. R/W [4] 0x0 Internal_enab select 0: DVI 1: YUV R/W [3:2] 0x0 Vsync_internal select 0x0: DVI 0x1: SRT vsync (normally analog) 0x2: YUVi 0x3: composite sync decoder R/W [1:0] 0x0 Hsync_internal select 0x0: DVI 0x1: LLK hsync (normally analog) 0x2: YUVi 0x3: raw vga hsync (may have jitter) SMUX_CTRL1 0x0201 [7:6] 0x0 Reserved R/W [5] 0x0 Vsync_out invert R/W [4] 0x0 Hsync_out invert R/W [3] 0x0 V_reference edge select 0: falling 1: rising R/W [2] 0x0 V_reference select 0: venab_generated 1: vsync_internal R/W [1] 0x0 H_reference edge select 0: falling 1: rising R/W [0] 0x0 H_reference select 0: enab_internal 1: hsync_internal |