công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7259-3LE bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG

tên linh kiện TLE7259-3LE
Giải thích chi tiết về linh kiện  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259-3LE bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7259-3LE Datasheet HTML 9Page - Infineon Technologies AG TLE7259-3LE Datasheet HTML 10Page - Infineon Technologies AG TLE7259-3LE Datasheet HTML 11Page - Infineon Technologies AG TLE7259-3LE Datasheet HTML 12Page - Infineon Technologies AG TLE7259-3LE Datasheet HTML 13Page - Infineon Technologies AG TLE7259-3LE Datasheet HTML 14Page - Infineon Technologies AG TLE7259-3LE Datasheet HTML 15Page - Infineon Technologies AG TLE7259-3LE Datasheet HTML 16Page - Infineon Technologies AG TLE7259-3LE Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TLE7259-3
Functional Description
Data Sheet
13
Rev. 1.0, 2013-08-13
4.8
Mode Transition via EN pin
Figure 9
Mode Transition via EN pin
It is also possible to change from Sleep mode to Normal Operation mode by setting the EN pin to logical “High“.
This feature is useful if the external microcontroller is continuously powered, the microcontroller power-supply is
not controlled by the INH pin. The EN pin has an integrated pull-down resistor to ensure the device remains in
Sleep or Stand-By mode even if the voltage on the EN pin is floating. The EN pin has an integrated hysteresis (see
Figure 9
).
A transition from logical “High“ to logical “Low“ on the EN pin changes the operation mode from Normal Operation
mode to Sleep mode. If the TLE7259-3 is already in Sleep mode, changing the EN from “Low“ to “High” results
into a mode change from Sleep mode to Normal Operation mode. If the device is in Stand-By mode a change from
“Low“ to “High” on the EN pin changes the mode to Normal Operation mode, as well (see Figure 4).
V
EN
EN Signal
V
EN,OFF
Sleep Mode /
Stand-By Mode
t
MODE
V
EN,ON
EN Hysteresis
Sleep Mode
Normal Operation Mode
t
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com