| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRA00 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
XRA00 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 40 page ![]() 17/40 XRA00 Contention Detection Contention detection is essential for most anti-col- lision algorithms. When two XRA00 devices have the same clock rate and differ by only one bit, the resulting difference in backscatter modulation waveform should be readily detected by the Read- er. Figure 24. shows XRA00 devices that present the same backscatter modulation intensity and are communicating simultaneously. Differences in backscatter modulation intensity can also be used to help detect contention. Figure 24. Contention of Two XRA00 Devices with the Same Clock Rate and a 1-Bit Difference ai10763 100% 0 0 0 0 0/1 11 1 Bit contention example |