công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN4871 bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện RN4871
Giải thích chi tiết về linh kiện  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 6Page - Microchip Technology RN4871 Datasheet HTML 7Page - Microchip Technology RN4871 Datasheet HTML 8Page - Microchip Technology RN4871 Datasheet HTML 9Page - Microchip Technology RN4871 Datasheet HTML 10Page - Microchip Technology RN4871 Datasheet HTML 11Page - Microchip Technology RN4871 Datasheet HTML 12Page - Microchip Technology RN4871 Datasheet HTML 13Page - Microchip Technology RN4871 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
RN4870/71
DS50002489A-page 10
 2016 Microchip Technology Inc.
TABLE 2-3:
CURRENT CONSUMPTION
Parameter
Min.
Typ.
Max.
Units
Supply Current
TX mode Peak Current at VDD = 3V, TX = 0 dBm, Buck mode
—
—
13
mA
RX mode Peak Current at VDD = 3V, Buck mode
—
—
13
mA
Link Static Current
—
60
—
µA
Standby Current
1.9
—
2.9
µA
Power-Saving
1
—
1.7
µA
Temperature Sensor (PTS)
Temperature Range Detected
-20
—
+70
°C
Digital Output
1387
—
2448
—
Resolution
—
12
—
units/deg
Accuracy
-3
—
+3
°C
Conversion Time (ENOB 10-bit)
—
12.35
—
ms
Operating Current
—
—
200
µA
TABLE 2-4:
CURRENT CONSUMPTION DURING VARIOUS APPLICATION MODES
Test Mode
Test Condition(1)
Average Current
Consumption
Remarks
Standby mode
Advertising Interval: 100 ms
0.23 mA
—
Advertising Interval: 500 ms
0.077 mA
—
BLE Connected mode
(no data exchange)
Connection Interval: 500 ms
0.08 mA
Module set in Transparent UART
mode
Transparent UART
enabled
Data transmission in
progress
Connection Interval: 18.75 ms
3.87 mA
TX data throughput: 9.863 kBps
Connection Interval: 40 ms
2.77 mA
TX data throughput: 4.676 kBps
Transparent UART
enabled
Data being received
Connection Interval: 18.75 ms
3.06 mA
(write with response)
Throughput: 4.956 kBps
3.9 mA
(write with reliable
Burst Transmit)
Throughput: 9.382 kBps
Connection Interval: 40 ms
2.14 mA
(write with response)
Throughput: 2.494 kBps
(write with response)
3.03 mA
(write with reliable
Burst Transmit)
Throughput: 5.056 kBps
Shutdown mode
—
1.44 µA
—
Note 1: Test conditions: Input voltage: 3.3V; Test phone: iPhone6 with iOS 9.02 version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com