| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RN4871 bảng dữ liệu(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN4871 bảng dữ liệu(HTML) 40 Page - Microchip Technology |
|
40 / 48 page ![]() RN4870/71 DS50002489A-page 40 2016 Microchip Technology Inc. 10.3.2 HELPFUL WEB SITES A document that can be used as a starting point in understanding the use of Short Range Devices (SRD) in Europe is the European Radio Communications Committee (ERC) Recommendation 70-03 E, which can be downloaded from the European Radio Commu- nications Office (ERO) at: http://www.ero.dk/. Additional helpful web sites are: • Radio and Telecommunications Terminal Equip- ment (R&TTE): http://ec.europa.eu/enterprise/rtte/index_en.htm • European Conference of Postal and Telecommu- nications Administrations (CEPT): http://www.cept.org/ • European Telecommunications Standards Insti- tute (ETSI): http://www.etsi.org • European Radio Communications Office (ERO): http://www.ero.dk/ • The Radio and Telecommunications Terminal Equipment Compliance Association (R&TTE CA): http://www.rtteca.com/ TABLE 10-1: EUROPEAN COMPLIANCE TESTING FOR RN4870 TABLE 10-2: EUROPEAN COMPLIANCE TESTING FOR RN4871 Certification Standards Article Laboratory Report Number Safety EN60950-1:2006/A11:2009/A1:2010/ A12:2011/A2:2013 (3.1(a)) TUV Rheinland 10051261 003 Health EN 62479:2010 10053580 001 EMC EN 301 489-1 V1.9.2 (3.1(b)) 10051137 002 EN 301 489-17 V2.2.1 Radio EN 300 328 V1.9.1 (3.2) 10053580 001 Notified Body Opinion 10048935 001 Certification Standards Article Laboratory Report Number Safety EN60950-1:2006/A11:2009/A1:2010/ A12:2011/A2:2013 (3.1(a)) TUV Rheinland 10053210 001 Health EN 62479:2010 10053433 001 EMC EN 301 489-1 V1.9.2 (3.1(b)) 10052964 001 EN 301 489-17 V2.2.1 Radio EN 300 328 V1.9.1 (3.2) 10053433 001 Notified Body Opinion 10048936 001 |