công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC182015-3 bảng dữ liệu(PDF) 16 Page - Microchip Technology

tên linh kiện AC182015-3
Giải thích chi tiết về linh kiện  ZENA??Wireless Adapter User?셲 Guide
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC182015-3 bảng dữ liệu(HTML) 16 Page - Microchip Technology

Back Button AC182015-3 Datasheet HTML 12Page - Microchip Technology AC182015-3 Datasheet HTML 13Page - Microchip Technology AC182015-3 Datasheet HTML 14Page - Microchip Technology AC182015-3 Datasheet HTML 15Page - Microchip Technology AC182015-3 Datasheet HTML 16Page - Microchip Technology AC182015-3 Datasheet HTML 17Page - Microchip Technology AC182015-3 Datasheet HTML 18Page - Microchip Technology AC182015-3 Datasheet HTML 19Page - Microchip Technology AC182015-3 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ZENA™ Wireless Adapter User’s Guide
DS70664B-page 16
© 2011-2012 Microchip Technology Inc.
2.2.2.1
INSTALLING THE USB DRIVER FOR WINDOWS® 2000/XP/VISTA/7 OSs
To Install the USB Driver for windows, perform the following tasks:
1. Plug in the ZENA Wireless Adapter into a USB port. Windows will prompt for a
hardware installation as shown in Figure 2-1.
FIGURE 2-1:
FOUND NEW HARDWARE WIZARD WINDOW
2. Select Install the software automatically (Recommended) and then click Next.
Windows will search and install the driver automatically as shown in Figure 2-2.
FIGURE 2-2:
INSTALLING THE DRIVER
Note: In the following screenshots, we have used ZENA Wireless Adapter –
2.4 GHz MRF24J40. The same set of sequence is applicable for ZENA
Wireless Adapter – 868 MHz MRF89XA and ZENA Wireless Adapter –
915 MHz MRF89XA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com