công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC182015-3 bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện AC182015-3
Giải thích chi tiết về linh kiện  ZENA??Wireless Adapter User?셲 Guide
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC182015-3 bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button AC182015-3 Datasheet HTML 8Page - Microchip Technology AC182015-3 Datasheet HTML 9Page - Microchip Technology AC182015-3 Datasheet HTML 10Page - Microchip Technology AC182015-3 Datasheet HTML 11Page - Microchip Technology AC182015-3 Datasheet HTML 12Page - Microchip Technology AC182015-3 Datasheet HTML 13Page - Microchip Technology AC182015-3 Datasheet HTML 14Page - Microchip Technology AC182015-3 Datasheet HTML 15Page - Microchip Technology AC182015-3 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ZENA™ Wireless Adapter User’s Guide
DS70664B-page 12
© 2011-2012 Microchip Technology Inc.
FIGURE 1-1:
ZENA™ WIRELESS ADAPTERS
The ZENA Wireless Adapter plugs into the computers USB slot either directly or using
an extension cable. The LED indicates operation status.
1.4
REGULATORY STATEMENTS
1.4.1
United States
This device complies with Part 15 of the FCC Rules. Operation is subject to the
following two conditions: (1) this device may not cause harmful interference, and (2)
this device must accept any interference received, including interference that may
cause undesired operation.
This equipment has been tested and found to comply with the limits for a Class B digital
device, pursuant to Part 15 of the FCC Rules. These limits are designed to provide
reasonable protection against harmful interference in a residential installation. This
equipment generates, uses and can radiate radio frequency energy, and if not installed
and used in accordance with the instructions, may cause harmful interference to radio
communications. However, there is no guarantee that interference will not occur in a
particular installation. If this equipment does cause harmful interference to radio or
television reception, which can be determined by turning the equipment OFF and ON.
The user is encouraged to try to correct the interference by one or more of the following
measures:
• Reorient or relocate the receiving antenna.
• Increase the separation between the equipment and receiver.
• Connect the equipment into an outlet on a circuit different from to which the
receiver is connected.
• Consult the dealer or an experienced radio/TV technician for help.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com