| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BM20 bảng dữ liệu(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM20 bảng dữ liệu(HTML) 45 Page - Microchip Technology |
|
45 / 46 page ![]() Stereo Module 2015 Microchip Technology Inc. Page 45 Preliminary Edition A.6 Taiwan The BM23 module has received compliance approval in accordance with the Telecommunications Act. Customers seeking to use the compliance approval in their product should contact Microchip Technology sales or distribution partners to obtain a Letter of Authority. installation instructions are followed and no modifications of the module are allowed. Integration of this module into a final product does not require additional radio certification provided A.6.1 LABELING AND USER INFORMATION REQUIREMENTS The BM23 module is labeled with its own NCC mark and certificate number as below: The user’s manual should contain below warning (for RF device) in traditional Chinese: 注意! 依據 低功率電波輻射性電機管理辦法 第十二條 經型式認證合格之低功率射頻電機,非經許可, 公司 、商號或使用者均不得擅自變更頻率、加大功率或變更原設計 之 特性及功能。 第十四條 低功率射頻電機之使用不得影響飛航安全及干擾合法通信; 經發現有干擾現象時,應立 即停用,並改善至無干擾時方得繼續使用。 前項合法通信,指依電信規定作業之無線電信。 低 功率射頻電機須忍受合法通信或工業、科學及醫療用電波輻射性 電機設備之干擾。 A.6.2 HELPFUL WEB SITES National Communications Commission (NCC): http://www.ncc.gov.tw CCAL15LP0270T3 |