| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BM20 bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM20 bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 46 page ![]() Stereo Module 2015 Microchip Technology Inc. Page 4 Preliminary Edition 1.0 DEVICE OVERVIEW The stereo module series include BM20 and BM23. The chip integrates Bluetooth 4.1 radio transceiver, PMU and DSP. Figure 1-1and 1-2 shows the application block diagram. FIGURE 1‐1: BM20 Typical Application The following depicts an example of BM20 module operate as an independent system or connected to an MCU. FIGURE 1‐2: BM23 Typical Application The following depicts an example of BM23 module connected to an MCU, external DSP/CODEC. MCU EEPROM IC IS2020S 16M Hz Crystal I2C UART BM20 Option Microphone Aux_In Audio Output MCU EEPROM IC IS2023S 16M Hz Crystal I2C UART BM23 Microphone Aux_In DSP I2S |