| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6411 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6411 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 119 page ![]() TMS320C6411 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS196H − MARCH 2002 − REVISED JULY 2004 21 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 peripheral register descriptions (continued) Table 9. Interrupt Selector Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS 019C 0000 MUXH Interrupt multiplexer high Selects which interrupts drive CPU interrupts 10−15 (INT10−INT15) 019C 0004 MUXL Interrupt multiplexer low Selects which interrupts drive CPU interrupts 4−9 (INT04−INT09) 019C 0008 EXTPOL External interrupt polarity Sets the polarity of the external interrupts (EXT_INT4−EXT_INT7) 019C 000C − 019C 01FF − Reserved Table 10. McBSP 0 Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS 018C 0000 DRR0 McBSP0 data receive register via Configuration Bus The CPU and EDMA controller can only read this register; they cannot write to it. 0x3000 0000 − 0x33FF FFFF DRR0 McBSP0 data receive register via Peripheral Data Bus 018C 0004 DXR0 McBSP0 data transmit register via Configuration Bus 0x3000 0000 − 0x33FF FFFF DXR0 McBSP0 data transmit register via Peripheral Data Bus 018C 0008 SPCR0 McBSP0 serial port control register 018C 000C RCR0 McBSP0 receive control register 018C 0010 XCR0 McBSP0 transmit control register 018C 0014 SRGR0 McBSP0 sample rate generator register 018C 0018 MCR0 McBSP0 multichannel control register 018C 001C RCERE00 McBSP0 enhanced receive channel enable register 0 018C 0020 XCERE00 McBSP0 enhanced transmit channel enable register 0 018C 0024 PCR0 McBSP0 pin control register 018C 0028 RCERE10 McBSP0 enhanced receive channel enable register 1 018C 002C XCERE10 McBSP0 enhanced transmit channel enable register 1 018C 0030 RCERE20 McBSP0 enhanced receive channel enable register 2 018C 0034 XCERE20 McBSP0 enhanced transmit channel enable register 2 018C 0038 RCERE30 McBSP0 enhanced receive channel enable register 3 018C 003C XCERE30 McBSP0 enhanced transmit channel enable register 3 018C 0040 − 018F FFFF – Reserved |