| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7MC2 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 308 page ![]() ST7MC1/ST7MC2 14/308 47 39 43 - - - PF0/ MCDEM6)/ AIN8 I/O CT X XX X X Port F0 MTC De- magnetiza- tion Output6) ADC Ana- log Input 8 48 40 44 - - - PF1/MCZEM6)/ AIN9 I/O CT X XX X X Port F1 MTC BEMF Output6) ADC Ana- log Input 9 49 41 - - - - PF2/MCO/ AIN10 I/O CT X XX X X Port F2 Main Clock Out (fosc/2) ADC Ana- log Input 10 50 42 45 - - - PF3/BEEP I/O CT HS X X X X Port F3 Beep Signal Output 51 43 - - - - PF4 I/O CT HS X XX X Port F4 52 44 - - - - PF5 I/O CT HS X XX X Port F5 53 -- --- PH0 I/O TT X XX X Port H0 54 -- --- PH1 I/O TT X XX X Port H1 55 -- --- PH2 I/O TT X XX X Port H2 56 -- --- PH3 I/O TT X XX X Port H3 57 45 46 29 25 21 PD0/ OCMP2_A/ MCPWMW7)/ AIN11 I/O CT X XX X Port D0 Timer A Output Compare 2 MTC PWM Output W7) ADC Analog Input 11 58 46 47 30 26 22 PD1 (HS)/ OCMP1_A/ MCPWMV7)/ MCDEM6) I/O CT HS X ei0 X X Port D1 Timer A Output Compare 1 MTC PWM Output V7) MTC Demagnetization6) 59 47 48 31 27 23 PD2/ICAP2_A/ MCZEM6) / AIN12 I/O CT X ei0 X X X Port D2 Timer A Input Capture 2 MTC BEMF6) ADC Analog Input 12 60 48 49 32 28 24 PD3/ICAP1_A/ AIN13 I/O CT X ei0 X X X Port D3 Timer A In- put Capture 1 ADC Ana- log Input 13 61 49 50 33 29 25 PD4/ EXTCLK_A/IC- CCLK/AIN14 I/O CT X ei0 X X X Port D4 Timer A External Clock source ICC Clock Output ADC Analog Input 14 62 50 51 34 30 26 PD5/ICCDA- TA/AIN15 I/O CT X ei0 X X X Port D5 ICC Data Input ADC Analog Input 15 63 51 52 35 31 27 PD6/RDI I/O CT HS X ei0 X X Port D6 SCI Receive Data In 64 52 53 36 32 28 PD7/TDO I/O CT HS X X X X Port D7 SCI Transmit Data Output 65 53 54 - - - VSS_2 S Digital Ground Voltage 66 54 55 - - - VDD_2 S Digital Main Supply Voltage 67 -- --- PH4 I/O TT X XX X Port H4 68 -- --- PH5 I/O TT X XX X Port H5 Table 1. ST7MC Device Pin Description Pin n° Pin Name Level Port Main function (after reset) Alternate function 2) Input Output 1 |