công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7MC2 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện ST7MC2
Giải thích chi tiết về linh kiện  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 7Page - STMicroelectronics ST7MC2 Datasheet HTML 8Page - STMicroelectronics ST7MC2 Datasheet HTML 9Page - STMicroelectronics ST7MC2 Datasheet HTML 10Page - STMicroelectronics ST7MC2 Datasheet HTML 11Page - STMicroelectronics ST7MC2 Datasheet HTML 12Page - STMicroelectronics ST7MC2 Datasheet HTML 13Page - STMicroelectronics ST7MC2 Datasheet HTML 14Page - STMicroelectronics ST7MC2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 308 page
background image
ST7MC1/ST7MC2
11/308
PIN DESCRIPTION (Cont’d)
Figure 7. 32-Pin LQFP 7x7 Package Pinout
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 10 11 12 131415 16
1
2
3
4
5
6
7
8
ei1
ei0
OSC1
OSC2
AIN0 / PWM0 / PA3
AIN1 / ARTIC1 / PA5
(HS) MCO3
(HS) MCO4
(HS) MCO5
MCES
RESET
VDD_0
VAREF
VSS_0
PD3 / ICAP1_A / AIN13
PD2 / ICAP2_A / MCZEM / AIN12
PD1 (HS) / OCMP1_A / MCPWMV / MCDEM
PD0 / OCMP2_A / MCPWMW /AIN11
ei2
eix
associated external interrupt vector
(HS) 20mA high sink capability
* Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More