công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB320LI bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB320LI
Giải thích chi tiết về linh kiện  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 12Page - Texas Instruments TUSB320LI Datasheet HTML 13Page - Texas Instruments TUSB320LI Datasheet HTML 14Page - Texas Instruments TUSB320LI Datasheet HTML 15Page - Texas Instruments TUSB320LI Datasheet HTML 16Page - Texas Instruments TUSB320LI Datasheet HTML 17Page - Texas Instruments TUSB320LI Datasheet HTML 18Page - Texas Instruments TUSB320LI Datasheet HTML 19Page - Texas Instruments TUSB320LI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.5 Register Maps
Table 6. CSR Registers
ACCESS
TAG
NAME
MEANING
R
Read
The field may be read by software.
W
Write
The field may be written by software.
S
Set
The field may be set by a write of one. Writes of zeros to the field have no effect.
C
Clear
The field may be cleared by a write of one. Writes of zeros to the field have no effect.
U
Update
Hardware may autonomously update this field.
NA
No Access
Not accessible or not applicable.
7.5.1 CSR Registers (address = 0x00 – 0x07)
Figure 4. CSR Registers (address = 0x00 – 0x07)
7
6
5
4
3
2
1
0
DEVICE_ID
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7. CSR Registers (address = 0x00 – 0x07)
Bit
Field
Type
Reset
Description
7:0
DEVICE_ID
R
For the TUSB320 device these fields return a string of ASCII
characters returning TUSB320
Addresses 0x07 - 0x00 = {0x00 0x54 0x55 0x53 0x42 0x33 0x32
0x30}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38