công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMD27253M bảng dữ liệu(PDF) 33 Page - ams AG

tên linh kiện TMD27253M
Giải thích chi tiết về linh kiện  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M bảng dữ liệu(HTML) 33 Page - ams AG

Back Button TMD27253M Datasheet HTML 29Page - ams AG TMD27253M Datasheet HTML 30Page - ams AG TMD27253M Datasheet HTML 31Page - ams AG TMD27253M Datasheet HTML 32Page - ams AG TMD27253M Datasheet HTML 33Page - ams AG TMD27253M Datasheet HTML 34Page - ams AG TMD27253M Datasheet HTML 35Page - ams AG TMD27253M Datasheet HTML 36Page - ams AG TMD27253M Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
ams Datasheet
Page 33
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Register Description
POFFSETL Register (Address 0xC0)
Figure 47:
POFFSETL Register
Typically, optical and/or electrical crosstalk negatively
influence proximity operation and results. The
POFFSETL/POFFSETH registers provide a mechanism to remove
system crosstalk from the proximity data. POFFSETL and
POFFSETH contains the magnitude and sign of a value which
adjusts PDATA generated in the AFE. An offset value in the range
of ± 255 is possible.
POFFSETH Register (Address 0xC1)
Figure 48:
POFFSETH Register
Addr: 0xC0
POFFSETL
Bit
Bit Name
Default
Access
Bit Description
7:0
POFFSETL
0x00
RW
This register contains the magnitude portion of
proximity offset adjust value.
Addr: 0xC1
POFFSETH
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0
RW
Reserved
0
POFFSET_SIGN
0
RW
This register contains the sign portion of
proximity offset adjust value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50